Part Number Hot Search : 
03007 CA10P X22C12S MM3Z10VS PQ1LAX95 6M182 CDB4265 03007
Product Description
Full Text Search
 

To Download MJD31C-TP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  silicon npn epitaxial planer transistors features maximum ratings @ 25 o c unless otherwise specified symbol rating rating unit v ceo collector-emitter voltage 100 v v cbo collector-base voltage 100 v v ebo emitter-base voltage 5 v i c collector current-continuous 3 a p c collector dissipation t j operating junction temperature 150  t stg storage temperature -65 to +150  electrical characteristics @ 25 o c unless otherwise specified symbol parameter min typ max units v (br)ceo collector-emitter breakdown voltage (i c =30madc, i b =0) 100 --- --- vdc v (br)cbo collector-base breakdown voltage (i c =1madc, i e =0) 100 --- --- vdc v (br)ebo emitter-base breakdown voltage (i e =1madc, i c =0) 5 --- --- vdc i ceo collector cutoff current (v ce =60vdc, i b =0) --- --- 50 uadc i ebo emitter cutoff current (v eb =5vdc, i c =0) --- --- 1 madc h fe dc current gain v ce(sat) collector-emitter saturation voltage ( i c =3adc, i b =0.375adc) (note 1) --- ---- 1.2 vdc f t transition frequency (v ce =10vdc,ic=0.5adc,ft=1khz ) 3 --- --- mhz revision:a 2011/05/05  
 omp onents 20736 marilla street chatsworth       
     mcc tm micro commercial components www. mccsemi .com 1 of 4 mjd31c i ces collector cutoff current (v ce =100vdc, v eb =0) (i c =3adc, v ce =4vdc) v be(on) base-emitter voltage (ic=3adc, vce=4vdc ) (note 1) --- --- 1.8 vdc lead free finish/rohs compliant ("p" suffix designates rohs compliant. see ordering information) electrically similar to popular tip31 and tip32 series designed for general purpose amplifier and low speed switching applications. 1.25 w --- --- 20 uadc (i c =1adc, v ce =4vdc) 25 10 --- 50 --- --- 1. pulse test: pw300s, duty cycle2% note: maximum thermal resistance: 100 o c/w junction to ambient dimensions mm dim min max min max note a 0.087 0.094 2.20 2.40 b 0.000 0.005 0.00 0.13 c 0.026 0.034 0.66 0.86 d 0.018 0.023 0.46 0.58 e 0.256 0.264 6.50 6.70 f 0.201 0.215 5.10 5.46 g 0.190 4.83 h 0.236 0.244 6.00 6.20 j 0.386 0.409 9.80 10.40 pin 1. base pin 2. 4. collector pin 3. emitter inches o 0.043 0.051 1.10 1.30 q a d b l g v k c i j h o m f 1 2 3 i 0.086 0.094 2.18 2.39 k 0.114 2.90 l 0.055 0.067 1.40 1.70 m 0.063 1.60 q 0.000 0.012 0.00 0.30 v 0.211 5.35 dpak e epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1 4
mjd31c mcc revision:a 2011/05/05 tm micro commercial components www. mccsemi .com 2 of 4
mjd 31 c mcc revision :a 2011/05/05 tm micro commercial components www. mccsemi .com 3 of 4
mcc revision:a 2011/05/05 tm micro commercial components www. mccsemi .com 4 of 4 3 device packing part number-tp tape&reel: 2 . 5 k p c s / r e e l ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s.


▲Up To Search▲   

 
Price & Availability of MJD31C-TP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X